Part Number Hot Search : 
621000 H24N60 L4PFE ACE78LXX BTA208 RF740 MA2Z377 001SMB
Product Description
Full Text Search
 

To Download SD-502386-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 5023861570 status: active description: 1.25mm (.049") pitch clik-mate? wire-to-board pcb receptacle, single row, right angle, 15 circuits documents: 3d model product specification ps-502382-001 (pdf) application specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) general product family pcb receptacles series 502386 application wire-to-board product name clik-mate? physical circuits (loaded) 15 circuits (maximum) 15 color - resin natural durability (mating cycles max) 30 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes mated height (in) 0.219 in mated height (mm) 5.55 mm material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.049 in pitch - mating interface (mm) 1.25 mm pitch - term. interface (in) 0.049 in pitch - term. interface (mm) 1.25 mm plating min: mating (in) 40 plating min: mating (m) 1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part yes polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -25c to +85c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 50v ac (rms)/dc material info reference - drawing numbers series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 502386 series mates with 502380 crimp housing
packaging specification spk-502386-001 product specification ps-502382-001, rps-502382-003, rps-502382-005, rps-502382-006, rps-502382-008, rps-502382-011, rps-502382-012, rps-502382-013 sales drawing SD-502386-002, sd-502386-003 this document was generated on 05/24/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of SD-502386-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X